|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
CXA1991N FM Pager/FM Multiplex Tuner For the availability of this product, please contact the sales office. Description The CXA1991N is a tuner IC designed for use in FM pagers and FM multiplex broadcasting. A receiver system can be configured by using the digital data output, in combination with a decoder. It has a battery save function and ultra-low power consumption. Features * Ultra-low power consumption (ID = 1.2 mA for FM; ID = 0.8 mA for AM; VCC = 3 V) * LED drive circuit for tuning * Battery save function * Few external parts Applications * Tuners for FM multiplex broadcasting * FM pagers 20 pin SSOP (Plastic) Absolute Maximum Ratings (Ta=25 C) * Supply voltage VCC 14 V * Operating temperature Topr -20 to +75 C * Storage temperature Tstg -65 to +150 C * Allowable power dissipation 400 mW PD Operating Conditions Supply voltage VCC 1.8 to 4.5 V Block Diagram FM MIX AM OSC GND 1 FM RF FM OSC FE OUT AM IN FM IN REG TUNE 11 20 19 18 17 16 15 14 13 12 FM FRONT END REG METER AM FRONT END AGC BUFF AM IF, IF DET AGC FM IF DET BATTERY SAVE CONT 1 2 3 4 5 6 7 8 9 10 FM IF BAND GND 2 DISCRI AM IF Sony reserves the right to change products and specifications without prior notice. This information does not convey any license by any implication or otherwise under any patents or other right. Application circuits shown, if any, are typical examples illustrating the operation of the devices. Sony cannot assume responsibility for any problems arising out of the use of these circuits. --1-- DET OUT AGC AFC E95925B8Y VCC B.S CXA1991N Pin Description Pin No. Symbol Pin voltage (V) FM AM Equivalent circuit (VCC=3 V, Ta=25 C) Description 220k 1 AM IF IN 1.1 1.1 1 AM IF input pin. 2 AGC 0.3 0.4 2 130 100k 130 Connected to a capacitor. 9 9 DET OUT 0.9 0.7 Detection output pin. 3 FM IF IN 1.1 0 VCC VCC FM IF input pin. 330 3 4 4 BAND 1.1 0 AM/FM band switching pin. AM when grounded, FM when open. IF system ground. 5 GND2 0 0 VCC 6 DISCRI 2.0 2.4 2k 6 1.1k Connected to phase shift circuit and ceramic discriminator. 7 VCC 3.0 3.0 --2-- CXA1991N Pin No. Symbol Pin voltage (V) FM AM Equivalent circuit Description 8 160k 8 BS 550k Controls battery save via microcomputer. High = Active, Low = Save 10 AFC 1.0 0.7 10 200k REG AFC varicap pin. 13 13 FM OSC 1.1 1.1 FM local oscillation circuit. 11 TUNE 1.1 1.1 11 VCC AM/FM tuning indicator drive circuit. REG 12 AM OSC 1.1 1.1 12 AM local oscillation circuit. VCC 14 REG 1.1 1.1 14 Regulator output pin. --3-- CXA1991N Pin No. Symbol Pin voltage (V) FM AM Equivalent circuit VCC REG 11p 10k Description 15 FM MIX 1.1 1.1 15 Load for mixer which resonates at 10.7 MHz from internal capacitance and external coil. VCC 16 FM RF 1.1 1.1 50k 18 5k FM RF amplifier circuit which is connected to RF tank circuit REG 16 18 FM RF IN 2.2 2.4 FM RF amplifier circuit which is FM RF input. VCC 17 AM RF IN 1.1 1.1 17 AM RF input which is connected to bar antenna. 19 GND1 0 0 VCC Front-end ground. 15 20 FM Block 20 FE OUT 0.6 1.5 3k AM Block AM/FM IF output pin which is connected to IF filter. --4-- Electrical Characteristics Bias and SW conditions MIN Limit Min. Typ. Max. Input Input waveform and bias description point measurement method description BS TUNE FEOUT point Measurement Output waveform and Unit S3 S4 S5 VCC=3 V, Ta=25 C S1 S2 Measurement Standard Bias Conditions OFF -- A1 AM no signal OFF OFF FM no signal 0.60 1.25 1.90 mA Functional block Measurement No. 1 Current consumption for FM no signal -- ON -- Vin=40 dBV, 100 MHz CW Vin=90 dBV, 10.7 MHz 22.5 kHz DIV Vin=90 dBV, 10.7 MHz 22.5 kHz DIV Vin=90 dBV, 10.7 MHz 75 kHz DIV Vin=90 dBV, 10.7 MHz CW ON Vin=60 dBV, 10.7 MHz CW ON V1 Vin=75 dB V, 1660 kHz CW Vin=455 kHz, 30 %mod Vin=80 dBV, 455 kHz, 30 % ON Vin=80 dBV, 455 kHz V1 Vin=100 dBV, 1660 kHz, 30 % 9 pin14 pin A2 VB VD V3 level when VB level for input of V3 = 90 dBV drops by -3 dB. VA OFF OVER OFF 2 Current consumption for AM no signal ON BAND item 0.30 0.75 1.20 mA 3 OFF V2 Current consumption for battery save OFF -- 10.7 MHz -- 1.00 A 4 FM front-end gain ON OFF 10 20 30 dB 5 FM detection V3 output level 39.0 73.5 123.5 mVrms 6 FM IF knee level 22.5 33.0 43.5 dBV --5-- OFF VA V4 VD VD A2 OFF VB 7 FM detection output distortion -- Frequency offset from 10.7 MHz when Pin 9-Pin 14 DC potential difference is 0 mV. 0.3 1.0 % 8 IF center frequency offset -50 0 50 kHz 9 FM meter current 1.25 2.90 4.45 455 kHz mA 10 AM front-end gain ON 25 28 31 dB VIN level for -40 dBm output. 25.0 29.0 33.0 dBV 11 AM IF gain 12 AM detection output level 43.5 65.5 98.0 mVrms 13 AM meter current 1.50 2.9 4.30 mA 14 AM detection output distortion OFF -- 0.60 3.00 % CXA1991N Electrical Characteristics Measurement Circuit 150 43p 100 0.1 0.01 150H V1 V2 10 33p 12H S4 BPF 39p 30p VC 20 REG FM IN AM IN FM MIX GND 1 FM RF FM OSC FE OUT AM OSC 19 18 17 16 15 14 13 12 11 A2 TUNE --6-- VCC DISCRI GND 2 BAND AM IF FM IF AGC CF1 CF2 AFC DET OUT B.S 330 S1 1 2 3 4 5 6 7 8 S3 9 180k 1 DISCRI 20k 10 VA S5 3k S1 0.47 V3 1 S2 0.1 0.1 V4 0.1 0.1 100 A1 VB 10k 0.01 CF1 : FFE1070NA CF2 : PFB455JR DISCRI : CDA10.7MG1 Switch mode ON OFF VD CXA1991N CXA1991N DET OUT1 (AF) LED1 10 0.47 C11 12 C4 AM OSC DET OUT 9 VC 7P L5 C12 13 14 12H L3 15 FM MIX DISCRI 6 16 C2 FM RF GND 2 7P L2 5 DISCRI C10 0.1 17 C1 AM IN BAND 4 AM 0.1 C8 VCC REG VCC 7 OFF L4 C9 100 C3 FM OSC B.S 8 S2 ON 180k 1 R5 20k R4 C13 7P TUNE AFC 10k 0.01 11 10 C5 R3 FM IN FM IF GND 1 AGC C7 20 FE OUT AM IF Application Circuit Application circuits shown are typical examples illustrating the operation of the devices. Sony cannot assume responsibility for any problems arising out of the use of these circuits or for any infringement of third party patent and other right due to same. CF1 --7-- CF2 1 1 CF1 : FFE1070NA CF2 : PFB455JR DISCRI : CDA10.7MG1 0.1 C6 L1 FM 18 19 2 3 S1 DET OUT2 (DF) BPF CXA1991N FM I/O characteristics (DET OUT 1) 0 S+N -10 Output level ratio [dB] -20 -30 -40 N -50 -60 fc=100MHz fs=1kHz, 22.5kHz dev. VCC=3.0V -4 -3 -2 -1 T.H.D 0 10 20 30 40 50 60 70 80 90 100 -10 110 Input level [dBV] AM I/O characteristics (DET OUT 1) 0 S+N -10 -20 -30 -40 N -50 -60 T.H.D -2 -1 -4 -3 -10 0 10 20 30 40 50 60 Input level [dBV] 70 80 90 100 110 DET OUT 2 frequency response 0 -10 VCC=3V fC=10.7MHz 22.5kHz dev. VIN=80dBV Output level ratio [dB] -20 -30 -40 -50 100 500 1k 5k 10k fs [Hz] 50k 100k --8-- T.H.D.-Total harmonic distortion [%] Output level ratio [dB] fc=1660kHz fs=1kHz, 30% mod. VCC=3.0V T.H.D.-Total harmonic distortion [%] CXA1991N Coil Data AM OSC Core diameter o 0.06 2UEW f [MHz] 1 to 3 2. 11 C [pF] 1 to 3 33 Q 1 to 3 40 Number of windings [t] 1 to 3 1 to 2 2 to 3 56 14 42 3 2 1 4 6 S Equivalent to L7BRCS-1726Y TOKO Co., Ltd. FM OSC 4mm 0.6mm 3.5t FM RF 5mm 0.6mm 3.5t AM bar antenna Core diameter o 0.09 USTC PRIMARY f [kHz] 796 SECONDARY L [H] 650 Primary Secondary 121t 22t Q 120 CF1 CF2 DISCRI VC VC (Rear Mount) FFE1070NA PFB455JR CDA10.7MG1 PVC2LXT16L HU22124N700 PVC2LXT16B TDK Co., Ltd. Murata Mfg. Co., Ltd. Murata Mfg. Co., Ltd. Mitsumi Electric Co., Ltd. TOKO Co., Ltd. Mitsumi Electric Co., Ltd. --9-- CXA1991N Notes on Operation 1.De-emphasis time constant Time constants are determined by R4, R5 and C13. The calculation formula is as follows. {R4 * R5/(R4 + R5)} * C13 2.FM discriminator Quadrature detection is used for FM detection. A ceramic resonator is used in the phase shifter so that no adjustment is required. In order to eliminate problems of distortion and offset with IF band center frequency, the CF1 (FM * IF) and FM discrete pair combination should be of the same level. A red B blue C orange D black E white CF1 and Discrete fo 10.70 MHz 10.67 MHz 10.73 MHz 10.64 MHz 10.76 MHz 3.Battery save function The battery save function operates when Pin 8 is grounded. Current consumption is 1 A or less during battery save. To switch from battery save mode to normal mode, Pin 8 is connected to VCC. At this time the DET OUT (Pin 9) rise time is affected by the rise time of Pins 4, 10 and 14. For faster rise time, lower the capacitance values of bias capacitors C5, C6 and C8, taking care that characteristics do not deteriorate. Also, decrease or eliminate R3 and C11 time constants and control Pin 10 directly with DC voltage of approximately 1.1 V to improve rise time. 4.Notes on pattern preparation i) FM antenna, OSC coil configuration Change the direction 90 degrees in order to avoid M coupling. Also, insert Pin 14 pattern between Pins 13 and 16 and the pattern between the coils. (See "Standard Board Diagram".) ii) Tuning circuit The capacitance value of the tuning circuit varies according to the board; investigate the time constants for new boards. iii) GND pins Pin 5 is the ground pin for IF and Pin 19 is the ground pin for FE. Use as thick a pattern as possible for the antenna input, BPF and Pin 19 grounds, as they have a significant effect on stability and NF characteristics. iv) The ground point for by-pass capacitors C5 and C6 connected to Pin 14 should be as close to Pin 14 as possible. v) When the tuning indicator is not used, connect Pin 11 to ground. This will put the tuning indicator drive circuit into low power consumption mode and current ceases to flow to the indicator. Also, the current consumption ICC is eliminated. vi) Use the BPF for FM. --10-- CXA1991N Standard Board Diagram Component side symbols Solder pattern side Component pattern side --11-- CXA1991N Package Outline Unit : mm 20PIN SSOP (PLASTIC) 6.5 0.1 + 0.2 1.25 - 0.1 0.1 20 11 A 4.4 0.1 1 10 0.65 b 0.13 M + 0.05 0.15 - 0.02 (0.22) 0.1 0.1 b=0.22 0.03 0.5 0.2 DETAIL B : SOLDER (0.15) DETAIL B : PALLADIUM NOTE: Dimension "" does not include mold protrusion. 0 to 10 PACKAGE STRUCTURE DETAIL A PACKAGE MATERIAL SONY CODE EIAJ CODE JEDEC CODE SSOP-20P-L01 SSOP020-P-0044 LEAD TREATMENT LEAD MATERIAL PACKAGE MASS EPOXY RESIN SOLDER / PALLADIUM PLATING 42/COPPER ALLOY 0.1g NOTE : PALLADIUM PLATING This product uses S-PdPPF (Sony Spec.-Palladium Pre-Plated Lead Frame). --12-- + 0.03 0.15 - 0.01 + 0.1 b=0.22 - 0.05 6.4 0.2 |
Price & Availability of CXA1991 |